Part Number Hot Search : 
DT74ALV C0455A P50N60 4A102 30N60 TPSMP43A 1N4118 N5392
Product Description
Full Text Search
 

To Download 43025314 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Entry Modules with Line Filter www.schurter.com/pg06 IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
KFB2
Standard- or Medical-Filter
C14
70 C -PanelMount: Screw-onmountingfromfrontside -3Functions: ApplianceInletProtectionclassI,LineSwitch2-pole,Linefilterinstandardandmedicalversion -Quickconnectterminals6.3x0.8mm -Alternative:versionwithoutlinefilterKEB2 -WerecommendfornewapplicationsthenewtypeDC12
Description
Characteristics
-Allsingleelementsarealreadywired -Lineswitchnon-illuminated -WithEMC-shield -QualifiedforuseinequipmentaccordingIEC/EN60950
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Approvals
-VDELicenseNumber:40004665(FKT) -ULLicenseNumber:E72928(FKT)
Technical Data
RatingsIEC RatingsUL/CSA LeakageCurrent DielectricStrength 1-10A@Ta40C/250VAC;50Hz 1-10A@Ta40C/125VAC;60Hz standard<0.5mA(250V/60Hz) medical<5A(250V/60Hz) >1.7kVDCbetweenL-N >2.7kVDCbetweenL/N-PE Testvoltage(2sec) -25Cto85C 25/085/21acc.toIEC60068-1 fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals6.3x0.8mm Screw:max8mm Mountingscrewtorquemax0.5Nm Thermoplastic,black,UL94V-0 Appliance-Inlet/-Outlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1 Rockerswitch2-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails StandardandMedicalVersion,IEC 60939,IEC60601-1,UL1283,UL544, EN133200,CSAC22.2no.8 Technicaldetails >1'900'000hacc.toMIL-HB-217F
LineSwitch
AllowableOperationTemp. ClimaticCategory DegreeofProtection ProtectionClass Terminal PanelThicknesss Material:Housing
LineFilter
MTBF
EMC Products
KFB2
www.schurter.com/pg06 Dimensions
30.5 - 0 R6 o 3.3 R 4.5
+1
Power Entry Modules with Line Filter
60.5mm
2
M3/o 3.6
42.5x28.2
59 0.5
o 6.5x90
41.7
R3
R 3.1 27.2 6.3x0.8 57.5 63 max. 5 28.5
+0.3 0
Technical Data of Filter-Components
Rated Current [A] 1 2 4 6 10 1 2 4 6 10 Filter-Type Standard Version Standard Version Standard Version Standard Version Standard Version Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Inductances L [mH] 2 x 10 2x4 2 x 1.5 2 x 0.8 2 x 0.3 2 x 10 2x4 2 x 1.5 2 x 0.8 2 x 0.3 Capacitance CX [nF] 68 68 68 68 68 68 68 68 68 68 Capacitance CY [nF] 2.2 2.2 2.2 2.2 2.2 R [M] 1 1 1 1 1
Diagrams Standard version
Medical version
1) Line 2) Load
1) Line 2) Load
2
EMC Products
43
51 0.15
51
+0.3 0
Power Entry Modules with Line Filter www.schurter.com/pg06
KFB2
----differentialmode_____commonmode
Attenuation Loss 1A
Standardversion
2A
4A
6A
10 A
Medicalversion(M5)
1A
2A
4A
6A
10 A
Variants
Rated Current [A] 1 2 4 6 10 1 2 4 6 10 Filter-Type Standard Version Standard Version Standard Version Standard Version Standard Version Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Order Number 4302.5311 4302.5312 4302.5313 4302.5314 4302.5315 4302.5331 4302.5333 4302.5335 4302.5337 4302.5339
Packaging unit
10Pcs
EMC Products
KFB2
www.schurter.com/pg06 Accessories
Description
Power Entry Modules with Line Filter
Assorted Covers Rear Cover 0859.0072
Cord retaining kits Cord retaining strain relief Flat head, A 4700.0001
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to KFB2 Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to KFB2 Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to KFB2 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon EMC Products currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 43025314

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X